Part Number Hot Search : 
2N7002L A1155 P6KE68 KMPC880 74AC32 2701B G1500 MN103S
Product Description
Full Text Search
 

To Download LT10A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT10A01-LT10A07
Vishay Lite-On Power Semiconductor
10A Rectifier
Features
D Diffused junction D High current capability and low
forward voltage drop
D Surge overload rating to 600A peak D Low reverse leakage current D Plastic material - UL Recognition
flammability classification 94V-0
14 424
Absolute Maximum Ratings
Tj = 25_C Parameter Repetitive peak reverse voltage g =Working peak reverse voltage =DC Bl ki voltage DC Blocking lt Test Conditions Type LT10A01 LT10A02 LT10A03 LT10A04 LT10A05 LT10A06 LT10A07 Symbol VRRM =VRWM =VR V Value 50 100 200 400 600 800 1000 600 10 -65...+150 Unit V V V V V V V A A C
Peak forward surge current Average forward current TA=50C Junction and storage temperature range
IFSM IFAV Tj=Tstg
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Diode capacitance Thermal resistance junction to ambient Test Conditions IF=10A TA=25C TA=100C VR=4V, f=1MHz Type Symbol VF IR IR CD CD RthJA Min Typ Max 1 10 100 Unit V
mA mA
pF pF K/W
LT10A01-04 LT10A05-07
150 80 10
Rev. A2, 24-Jun-98
1 (4)
LT10A01-LT10A07
Vishay Lite-On Power Semiconductor Characteristics (Tj = 25_C unless otherwise specified)
I FSM- Peak Forward Surge Current ( A ) IFAV - Average Forward Current ( A ) 12 10 8 6 4 2 0
15591
1000 800 600
8.3 ms Single Half-Sine-Wave JEDEC method
400
200 0 1 10 Number of Cycles at 60 Hz 100
0
50
100
150
200
15593
Tamb - Ambient Temperature ( C )
Figure 1. Max. Average Forward Current vs. Ambient Temperature
100
Figure 3. Max. Peak Forward Surge Current vs. Number of Cycles
1000 C D - Diode Capacitance ( pF )
Tj = 25C f = 1 MHz LT10A01 - LT10A04
IF - Forward Current ( A )
10
100
LT10A05 - LT10A07
1.0
Tj = 25C IF Pulse Width = 300 s 2% Duty Cycle
10
0.1 0
15592
0.4 0.8 1.2 1.6 VF - Forward Voltage ( V )
1.0 1
15594
10 VR - Reverse Voltage ( V )
100
Figure 2. Typ. Forward Current vs. Forward Voltage
Figure 4. Typ. Diode Capacitance vs. Reverse Voltage
2 (4)
Rev. A2, 24-Jun-98
LT10A01-LT10A07
Vishay Lite-On Power Semiconductor Dimensions in mm
14448
Case: molded plastic Polarity: cathode band Approx. weight: 2.1 grams Mounting position: any Marking: type number
Rev. A2, 24-Jun-98
3 (4)
LT10A01-LT10A07
Vishay Lite-On Power Semiconductor Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
4 (4)
Rev. A2, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of LT10A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X